Part Number Hot Search : 
CH400DPT 5742EUB PIC18F4 UPD16 064B1 3330DT3 W8511HI GPW576
Product Description
Full Text Search
 

To Download HMP1340-2R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical dimension : features delt a electronics, inc. (taoyuan plant cpbg) 252, san ying road, kueisan industrial zone, taoyuan shien, 333, t aiwan, r.o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww.com s m t p o w e r i n d u c t o r hmp1335, 1340, 1345 & 1348s t ype n m l k o c j e d h a b ? unit : mm/inch d = 7.80 / 0.307 f = 2.50 / 0.098 g = 2.50 / 0.098 h = 8.00 / 0.315 j = 3.20 / 0.126 k = 7.00 / 0.276 l = 14.00 / 0.551 m = 3.70 / 0.146 120 g f 1 unit : mm/inch electrical characteristics : at 25 : 100khz, 1v o c p a r t n o . c ( m a x ) e n o b a 1. t olerance of inductance is 20%. 2. isat is the dc current which cause the inductance drop to li. o 3. irms is the dc current which cause the surface temperature of the part increase less than 45 c. oo 4. operating temperature : -20 c to 105 c ( including self-temperature rise ). rms l (uh) li (uh) m in i (adc) (m ) max dcr sat i (adc) 1 3 2 hmp1335 12.70 0.5 / 0.50 0.02 13.00 0.5 / 0.512 0.02 3.50 / 0.138 2.40 / 0.094 11.20 / 0.441 4.40 / 0.173 hmp1340 12.70 0.5 / 0.50 0.02 13.00 0.5 / 0.512 0.02 4.00 / 0.157 2.40 / 0.094 11.20 / 0.411 4.40 / 0.173 hmp1345 12.70 0.5 / 0.50 0.02 13.00 0.5 / 0.512 0.02 4.50 / 0.177 2.40 / 0.094 11.20 / 0.411 4.40 / 0.173 hmp1348s 12.70 0.5 / 0.50 0.02 13.00 0.5 / 0.512 0.02 4.80 / 0.189 1.80 / 0.071 10.60 / 0.417 5.00 / 0.197 recommended pad pa tterns rohs compliant. low profile, smd type. high current. magnetic shielded. high energy storage and low dcr. provided with embossed carrier tape packing. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor applications. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements. hmp1335-4r6ld 4.6 3.40 7.4 7.5 14.0 hmp1340-0r8 0.8 0.64 2.5 24.0 19.0 hmp1340-1r5 1.5 1.20 4.3 20.0 15.0 HMP1340-2R0 2.0 1.60 4.3 12.0 15.0 hmp1340-2r2 2.2 1.76 4.3 12.0 15.0 hmp1340-3r3 3.3 2.64 6.6 9.5 12.6 hmp1340-4r7 4.7 3.76 8.5 9.0 11.0 hmp1340-5r6 5.6 4.50 11.0 8.0 10.0 hmp1345-0r6 0.6 0.48 1.3 25.0 21.0 hmp1348s-0r4 0.4 0.32 0.9 36.0 39.0


▲Up To Search▲   

 
Price & Availability of HMP1340-2R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X